Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70T653M Datasheet (PDF) - Renesas Technology Corp

70T653M Datasheet PDF - Renesas Technology Corp
Part # 70T653M
Download  70T653M Download
File Size   509.3 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE

70T653M Datasheet (PDF)

Go To PDF Page Download Datasheet
70T653M Datasheet PDF - Renesas Technology Corp

Part # 70T653M
Download  70T653M Click to download

File Size   509.3 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE

70T653M Datasheet (HTML) - Renesas Technology Corp


70T653M Product details

Features
◆ True Dual-Port memory cells which allow simultaneous
access of the same memory location
◆ High-speed access
– Commercial: 10/12/15ns (max.)
– Industrial: 12ns (max.)
◆ RapidWrite Mode simplifies high-speed consecutive write
cycles
◆ Dual chip enables allow for depth expansion without
external logic
◆ IDT70T653M easily expands data bus width to 72 bits or
more using the Busy Input when cascading more than one
device
◆ Busy input for port contention management
◆ Interrupt Flags
◆ Full on-chip hardware support of semaphore signaling
between ports
◆ Fully asynchronous operation from either port
◆ Separate byte controls for multiplexed bus and bus
matching compatibility
◆ Sleep Mode Inputs on both ports
◆ Single 2.5V (±100mV) power supply for core
◆ LVTTL-compatible, selectable 3.3V (±150mV)/2.5V (±100mV)
power supply for I/Os and control signals on each port
◆ Includes JTAG functionality
◆ Available in a 256-ball Ball Grid Array
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 70T653M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T653MS10BCG IDT-70T653MS10BCG Datasheet
705Kb / 24P
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
70T653MS10BCG IDT-70T653MS10BCG Datasheet
236Kb / 24P
HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
70T653MS10BCG8 IDT-70T653MS10BCG8 Datasheet
705Kb / 24P
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
70T653MS10BCG8 IDT-70T653MS10BCG8 Datasheet
236Kb / 24P
HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
70T653MS10BCGI IDT-70T653MS10BCGI Datasheet
705Kb / 24P
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Similar Description - 70T653M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3509M RENESAS-70T3509M Datasheet
355Kb / 24P
HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.28.22
70T3539M RENESAS-70T3539M Datasheet
642Kb / 27P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JUNE 2019
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com