Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71V424 Datasheet (PDF) - Renesas Technology Corp

71V424 Datasheet PDF - Renesas Technology Corp
Part # 71V424
Download  71V424 Download
File Size   189.42 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)

71V424 Datasheet (PDF)

Go To PDF Page Download Datasheet
71V424 Datasheet PDF - Renesas Technology Corp

Part # 71V424
Download  71V424 Click to download

File Size   189.42 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)

71V424 Datasheet (HTML) - Renesas Technology Corp


71V424 Product details

Features
◆ 512K x 8 advanced high-speed CMOS Static RAM
◆ JEDEC Center Power / GND pinout for reduced noise
◆ Equal access and cycle times
— Commercial and Industrial: 10/12/15ns
◆ Single 3.3V power supply
◆ One Chip Select plus one Output Enable pin
◆ Bidirectional data inputs and outputs directly
TTL-compatible
◆ Low power consumption via chip deselect
◆ Available in 36-pin, 400 mil plastic SOJ package and
44-pin, 400 mil TSOP.
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds




Similar Part No. - 71V424

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V424L10PHG IDT-71V424L10PHG Datasheet
72Kb / 9P
3.3V CMOS Static RAM
71V424L10PHG8 IDT-71V424L10PHG8 Datasheet
72Kb / 9P
3.3V CMOS Static RAM
71V424L10PHGI IDT-71V424L10PHGI Datasheet
72Kb / 9P
3.3V CMOS Static RAM
71V424L10PHGI8 IDT-71V424L10PHGI8 Datasheet
72Kb / 9P
3.3V CMOS Static RAM
71V424L10YG IDT-71V424L10YG Datasheet
72Kb / 9P
3.3V CMOS Static RAM
More results


Similar Description - 71V424

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V428S IDT-IDT71V428S Datasheet
76Kb / 9P
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com