Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71V428 Datasheet (PDF) - Integrated Device Technology

IDT71V428 Datasheet PDF - Integrated Device Technology
Part # IDT71V428
Download  IDT71V428 Download
File Size   19.99 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)

IDT71V428 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71V428 Datasheet PDF - Integrated Device Technology

Part # IDT71V428
Download  IDT71V428 Click to download

File Size   19.99 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)

IDT71V428 Datasheet (HTML) - Integrated Device Technology


IDT71V428 Product details

DESCRIPTION:
The IDT71V428 is a 4,194,304-bit high-speed Static RAM organized as 1M x 4. It is fabricated using IDT’s highperfomance, high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for high-speed memory needs.

FEATURES:
• 1M x 4 advanced high-speed CMOS Static RAM
• JEDEC Center Power / GND pinout for reduced noise
• Equal access and cycle times
    — 12/15/20ns
• Single 3.3V power supply
• One Chip Select plus one Output Enable pin
• Bidirectional data inputs and outputs directly TTL-compatible
• Low power consumption via chip deselect
• Available in 32-pin, 400 mil plastic SOJ package




Similar Part No. - IDT71V428

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428L IDT-IDT71V428L Datasheet
76Kb / 9P
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L10YYYG IDT-IDT71V428L10YYYG Datasheet
76Kb / 9P
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L10YYYGI IDT-IDT71V428L10YYYGI Datasheet
76Kb / 9P
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L12YYYG IDT-IDT71V428L12YYYG Datasheet
76Kb / 9P
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L12YYYGI IDT-IDT71V428L12YYYGI Datasheet
76Kb / 9P
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
More results


Similar Description - IDT71V428

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V428S IDT-IDT71V428S Datasheet
76Kb / 9P
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com