Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V3672 Datasheet (PDF) - Renesas Technology Corp

72V3672 Datasheet PDF - Renesas Technology Corp
Part # 72V3672
Download  72V3672 Download
File Size   399.26 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncBiFIFOTM

72V3672 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V3672 Datasheet PDF - Renesas Technology Corp

Part # 72V3672
Download  72V3672 Click to download

File Size   399.26 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncBiFIFOTM

72V3672 Datasheet (HTML) - Renesas Technology Corp


72V3672 Product details

FEATURES
• Memory storage capacity:
IDT72V3672 – 8,192 x 36 x 2
• Supports clock frequencies up to 100MHz
• Fast access times of 6.5ns
• Free-running CLKA and CLKB may be asynchronous or coincident
(simultaneous reading and writing of data on a single clock edge
is permitted)
• Two independent clocked FIFOs buffering data in opposite directions
• Mailbox bypass register for each FIFO
• Programmable Almost-Full and Almost-Empty flags
• Microprocessor Interface Control Logic
• FFA/IRA, EFA/ORA, AEA, and AFA flags synchronized by CLKA
• FFB/IRB, EFB/ORB, AEB, and AFB flags synchronized by CLKB
• Select IDT Standard timing (using EFA, EFB, FFA and FFB flags
functions) or First Word Fall Through timing (using ORA, ORB, IRA
and IRB flag functions)
• Available in space-saving 120-pin Thin Quad Flatpack (TQFP)
• Pin and functionally compatible versions of the 5V operating
IDT23672
• Pin compatible to the lower density parts, IDT72V3642
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72V3672

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V3672L10PFG IDT-72V3672L10PFG Datasheet
227Kb / 29P
3.3 VOLT CMOS SyncBiFIFO
72V3672L10PFG IDT-72V3672L10PFG Datasheet
206Kb / 29P
3.3 VOLT CMOS SyncBiFIFOTM
72V3672L10PFG8 IDT-72V3672L10PFG8 Datasheet
206Kb / 29P
3.3 VOLT CMOS SyncBiFIFOTM
72V3672L10PQFG IDT-72V3672L10PQFG Datasheet
227Kb / 29P
3.3 VOLT CMOS SyncBiFIFO
72V3672L15PFG IDT-72V3672L15PFG Datasheet
227Kb / 29P
3.3 VOLT CMOS SyncBiFIFO
More results


Similar Description - 72V3672

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
3.3 VOLT CMOS SyncBiFIFO
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
3.3 VOLT CMOS SyncBiFIFOTM
IDT72605 IDT-IDT72605_13 Datasheet
322Kb / 17P
CMOS SyncBiFIFOTM
IDT723652 IDT-IDT723652_09 Datasheet
232Kb / 29P
CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
CMOS SyncBiFIFOTM
FEBRUARY 2009
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
CMOS SyncBiFIFOTM
FEBRUARY 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com