Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV3384 Datasheet (PDF) - Renesas Technology Corp

74CBTLV3384 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV3384
Download  74CBTLV3384 Download
File Size   265.07 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 10-BIT BUS SWITCH

74CBTLV3384 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3384 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV3384
Download  74CBTLV3384 Click to download

File Size   265.07 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 10-BIT BUS SWITCH

74CBTLV3384 Datasheet (HTML) - Renesas Technology Corp


74CBTLV3384 Product details

FEATURES:
• 5Ω A/B bi-directional bus switch
• Isolation under power-off conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, Normal Range
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and TSSOP packages
APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation




Similar Part No. - 74CBTLV3384

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
74CBTLV3384BQ NEXPERIA-74CBTLV3384BQ Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
logo
Texas Instruments
74CBTLV3384DBQRE4 TI-74CBTLV3384DBQRE4 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
74CBTLV3384DBQRG4 TI-74CBTLV3384DBQRG4 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
74CBTLV3384DBQRG4 TI2-74CBTLV3384DBQRG4 Datasheet
600Kb / 18P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
REVISED JUNE 2004
More results


Similar Description - 74CBTLV3384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384 Datasheet
64Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Texas Instruments
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3861 RENESAS-74CBTLV3861 Datasheet
254Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com