Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV3861 Datasheet (PDF) - Renesas Technology Corp

74CBTLV3861 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV3861
Download  74CBTLV3861 Download
File Size   254.81 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 10-BIT BUS SWITCH

74CBTLV3861 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3861 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV3861
Download  74CBTLV3861 Click to download

File Size   254.81 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 10-BIT BUS SWITCH

74CBTLV3861 Datasheet (HTML) - Renesas Technology Corp


74CBTLV3861 Product details

FEATURES:
• 5Ω A/B bi-directional switch
• Isolation under power-off conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, Normal Range
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and TSSOP packages
APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation




Similar Part No. - 74CBTLV3861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
10-bit bus switch with output enable
Rev. 5 - 16 February 2021
74CBTLV3861BQ NEXPERIA-74CBTLV3861BQ Datasheet
286Kb / 15P
10-bit bus switch with output enable
Rev. 5 - 16 February 2021
logo
Texas Instruments
74CBTLV3861DGVRG4 TI2-74CBTLV3861DGVRG4 Datasheet
698Kb / 19P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
REVISED OCTOBER 2003
74CBTLV3861DGVRG4.B TI2-74CBTLV3861DGVRG4.B Datasheet
697Kb / 19P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
REVISED OCTOBER 2003
More results


Similar Description - 74CBTLV3861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384 Datasheet
64Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Texas Instruments
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com