Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVT646DB Datasheet (PDF) - NXP Semiconductors

74LVT646DB Datasheet PDF - NXP Semiconductors
Part # 74LVT646DB
Download  74LVT646DB Download
File Size   109.43 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal bus transceiver/register 3-State

74LVT646DB Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT646DB Datasheet PDF - NXP Semiconductors

Part # 74LVT646DB
Download  74LVT646DB Click to download

File Size   109.43 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal bus transceiver/register 3-State

74LVT646DB Datasheet (HTML) - NXP Semiconductors


74LVT646DB Product details

DESCRIPTION
The LVT646 is a high-performance BiCMOS product designed for VCC operation at 3.3V.
   
FEATURES
• Combines 74LVT245 and 74LVT574 type functions in one device
• Independent registers for A and B buses
• Multiplexed real–time and stored data
• Output capability: +64mA/–32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Live insertion/extraction permitted
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• Power-up 3-State
• Power-up reset
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model
   




Similar Part No. - 74LVT646DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results


Similar Description - 74LVT646DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
Octal bus transceiver/register 3-State
1998 Feb 17
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
Octal bus transceiver/register 3-State
1998 Jul 29
logo
STMicroelectronics
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
07-Aug-1997
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com