Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED7709ATR Datasheet (PDF) - STMicroelectronics

ALED7709ATR Datasheet PDF - STMicroelectronics
Part # ALED7709ATR
Download  ALED7709ATR Download
File Size   9783.2 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive LED driver 4-channel 200 mA with a DC-DC converter controller

ALED7709ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
ALED7709ATR Datasheet PDF - STMicroelectronics

Part # ALED7709ATR
Download  ALED7709ATR Click to download

File Size   9783.2 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive LED driver 4-channel 200 mA with a DC-DC converter controller

ALED7709ATR Datasheet (HTML) - STMicroelectronics


ALED7709ATR Product details

Features
• AEC-Q100 Grade1 qualified
– Operating temperature range -40 °C < TJ < 150 °C
• 4.5 V to 42 V operating input voltage range
– Up to 60 V tolerant for load dump @ 24 V battery
– Supports battery cranking events down to 4 V supply
• Simultaneous or exclusive control by PWMI and I2C interface
• Switching controller section
– Low shutdown current: ISHDN < 15 μA
– Fixed frequency peak current-mode controller
– Cycle-by-cycle power switch OCP
– Adjustable (250 kHz to 2.2 MHz) switching frequency with optional
spread spectrum
– Synchronized boost and SEPIC topologies support
– Line switch control for standby power saving and inrush current
protection
– Input overvoltage and output short-circuit protection
• LED strings control section
– 4 x 40 V rated constant current outputs
– Adjustable up to 200 mA per channel
– ±2% typ. output current accuracy
– Mixed PWM and Analog dimming
– 100 Hz to 12.8 kHz dimming frequency
– Dimming ratio 10000:1 at 100 Hz
– LED temperature sensor (NTC) management
– Selectable channels phase-shifting and adjustable Rise/Fall time for
reducing EMI
– Open channel, LED short-circuit detection
– Two versions available: ALED7709A and ALED7709B

Applications
• Automotive lighting and backlighting for:
– Cluster / Infotainment display
– Head-Up Display (HUD)
– Instrument lighting system
– Ambient light




Similar Part No. - ALED7709ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
23-Jan-2017
ALED7707T STMICROELECTRONICS-ALED7707T Datasheet
1Mb / 36P
6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
23-Jan-2017
More results


Similar Description - ALED7709ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417 Datasheet
128Kb / 16P
200 mA DC-DC Step-up Converter with Dual Low Battery Protection
April, 2002 ??Rev. 1
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
1-channel DC/DC converter controller
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
logo
Princeton Technology Co...
PT16972 PTC-PT16972 Datasheet
429Kb / 4P
4-Channel 100mA LED Driver with DC-DC Controller
logo
STMicroelectronics
ALED6000 STMICROELECTRONICS-ALED6000 Datasheet
4Mb / 45P
Automotive 3 A single channel LED driver with integrated DC-DC converter
12-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com