Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED7707 Datasheet (PDF) - STMicroelectronics

ALED7707 Datasheet PDF - STMicroelectronics
Part # ALED7707
Download  ALED7707 Download
File Size   1058.58 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-row 85 mA LEDs driver with boost regulator for LCD panels backlight

ALED7707 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALED7707 Datasheet PDF - STMicroelectronics

Part # ALED7707
Download  ALED7707 Click to download

File Size   1058.58 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-row 85 mA LEDs driver with boost regulator for LCD panels backlight

ALED7707 Datasheet (HTML) - STMicroelectronics


ALED7707 Product details

Description
The ALED7707 device consists of an automotive
grade (AEC Q100 compliant) monolithic boost
converter and six controlled current generators
(rows) specifically designed to supply LED arrays
used in the backlighting of LCD panels. The
device can manage an output voltage up to 36 V
(i.e.: 10 white LEDs per row).
The generators can be externally programmed to
sink up to 85 mA and can be dimmed via a PWM
signal (1% dimming duty cycle at 1 kHz can be
managed). The device allows to detect and
manage the open and shorted LED faults and to
let unused rows floating. Basic protections (output
overvoltage, internal MOSFET overcurrent and
thermal shutdown) are provided.

Features
• AEC-Q100 qualification
• Boost section
– 4.5 V to 36 V input voltage range
– Internal power MOSFET
– Internal +5 V LDO for device supply
– Up to 36 V output voltage
– Constant frequency peak current-mode
control
– 250 kHz to 1 MHz adjustable switching
frequency
– External synchronization for multi-device
application
– Pulse skip power saving mode at light load
– Programmable soft-start
– Programmable OVP protection
– Stable with ceramic output capacitors
– Thermal shutdown
• Backlight driver section
– Six rows with 85 mA maximum current
capability (adjustable)
– Rows disable option
– Less than 10 μs minimum dimming on-time
– ± 3% current matching between rows
– LED failure (open and short-circuit)
detection

Applications
• Infotainment LCD backlight
• Daytime running lights
• Car interior/exterior lights
• Dashboard backlight




Similar Part No. - ALED7707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED7709 STMICROELECTRONICS-ALED7709 Datasheet
9Mb / 63P
Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
13-Feb-2023
ALED7709ATR STMICROELECTRONICS-ALED7709ATR Datasheet
9Mb / 63P
Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
13-Feb-2023
ALED7709BTR STMICROELECTRONICS-ALED7709BTR Datasheet
9Mb / 63P
Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
13-Feb-2023
More results


Similar Description - ALED7707

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PM6600 ONSEMI-PM6600 Datasheet
768Kb / 43P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
January 2008 Rev 2
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
6-row 32 mA LED driver with boost regulator for LCD panel backlight
07-Apr-2008
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
logo
Semtech Corporation
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
Backlight Driver for 6 LEDs with SemPulse짰 Interface
logo
Rohm
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
logo
STMicroelectronics
STEVAL-ISA056V1 STMICROELECTRONICS-STEVAL-ISA056V1 Datasheet
98Kb / 4P
6 rows - 30 mA LEDs driver with boost converter for LCD panels backlight evaluation board based on the PM6600
10-Mar-2008
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
6-row 85 mA LED driver with boost
26-May-2009
logo
Rohm
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
Simple Structure Constant Current Backlight Driver for LCD panels
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com