Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4000BMS Datasheet (PDF) - Renesas Technology Corp

CD4000BMS Datasheet PDF - Renesas Technology Corp
Part # CD4000BMS
Download  CD4000BMS Download
File Size   409.4 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS NOR Gate

CD4000BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4000BMS Datasheet PDF - Renesas Technology Corp

Part # CD4000BMS
Download  CD4000BMS Click to download

File Size   409.4 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS NOR Gate

CD4000BMS Datasheet (HTML) - Renesas Technology Corp


CD4000BMS Product details

Features
• High-Voltage Types (20V Rating)
• Propagation Delay Time = 60ns (typ.) at CL = 50pF,
VDD = 10V
• Buffered Inputs and Outputs
• Standard Symmetrical Output Characteristics
• 100% Tested for Maximum Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1A at 18V Over Full Package-Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standards
No. 13B, “Standard Specifications for Description of
“B” Series CMOS Device’s

Description
CD4000BMS, CD4001BMS, CD4002BMS, and
CD4025BMS NOR gates provide the system designer with
direct implementation of the NOR function and supplement
the existing family of CMOS gates. All inputs and outputs are
buffered.
The CD4000BMS, CD4001BMS, CD4002BMS and the
CD4025BMS is supplied in these 14 lead outline packages:
CD4000BMS - Dual 3 Plus Inverter
CD4001BMS - Quad 2 Input
CD4002BMS - Dual 4 Input
CD4025BMS - Triple 3 Input
CD4000B CD4001B CD4002B CD4025B
Braze Seal DIP H4X H4Q H4Q H4Q
Frit Seal DIP H1B H1B H1B H1B
Ceramic Flatpack H3W H3W H3W H3W




Similar Part No. - CD4000BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4000BMS INTERSIL-CD4000BMS Datasheet
143Kb / 9P
CMOS NOR Gate
November 1994
More results


Similar Description - CD4000BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Intersil Corporation
CD4000BMS INTERSIL-CD4000BMS Datasheet
143Kb / 9P
CMOS NOR Gate
November 1994
CD4078BMS INTERSIL-CD4078BMS Datasheet
67Kb / 8P
CMOS 8 Input NOR/OR Gate
December 1992
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
CMOS Quad 2-input NOR Gate
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com