Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4078BMS Datasheet (PDF) - Intersil Corporation

CD4078BMS Datasheet PDF - Intersil Corporation
Part # CD4078BMS
Download  CD4078BMS Download
File Size   67.37 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8 Input NOR/OR Gate

CD4078BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4078BMS Datasheet PDF - Intersil Corporation

Part # CD4078BMS
Download  CD4078BMS Click to download

File Size   67.37 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8 Input NOR/OR Gate

CD4078BMS Datasheet (HTML) - Intersil Corporation


CD4078BMS Product details

Description

CD4078BMS NOR/OR Gate provides the system designer with direct implementation of the positive logic 8 input NOR and OR functions and supplements the existing family of CMOS gates.



Features

• High Voltage Type (20V Rating)

• Medium Speed Operation

   - tPHL, tPLH = 75ns (Typ.) at VDD = 10V

• Buffered Inputs and Output

• 5V, 10V and 15V Parametric Ratings

• Standardized, Symmetrical Output Characteristics

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC

• Noise Margin (Over Full Package/Temperature Range)

   - 1V at VDD = 5V

   - 2V at VDD = 10V

   - 2.5V at VDD = 15V

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”



 




Similar Part No. - CD4078BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078BM TI-CD4078BM Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078BM TI1-CD4078BM Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078BM TI2-CD4078BM Datasheet
969Kb / 20P
CMOS 8-Input NOR/OR Gate
Revised September 2003
CD4078BM96 TI-CD4078BM96 Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078BM96 TI1-CD4078BM96 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Similar Description - CD4078BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
8-INPUT NOR/OR GATE
Jul-2001
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com