Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4078 Datasheet (PDF) - STMicroelectronics

M74HC4078 Datasheet PDF - STMicroelectronics
Part # M74HC4078
Download  M74HC4078 Download
File Size   208.88 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-INPUT NOR/OR GATE

M74HC4078 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4078 Datasheet PDF - STMicroelectronics

Part # M74HC4078
Download  M74HC4078 Click to download

File Size   208.88 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-INPUT NOR/OR GATE

M74HC4078 Datasheet (HTML) - STMicroelectronics


M74HC4078 Product details

DESCRIPTION
The M54/74HC4078 is a high speed CMOS 8 INPUT NOR/OR GATE fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.
All inputs are equipped with protection circuits against static discharge and transient excess voltage.
   
■ HIGH SPEED
    tPD = 13 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 1 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 4078B
   




Similar Part No. - M74HC4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
M74HC4078B1R STMICROELECTRONICS-M74HC4078B1R Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
M74HC4078C1R STMICROELECTRONICS-M74HC4078C1R Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
M74HC4078M1R STMICROELECTRONICS-M74HC4078M1R Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
More results


Similar Description - M74HC4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4078B STMICROELECTRONICS-HCC4078B Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Toshiba Semiconductor
TC74HC4078AP TOSHIBA-TC74HC4078AP Datasheet
177Kb / 4P
8-INPUT OR/NOR GATE
logo
Texas Instruments
SN54HC4078A TI-SN54HC4078A Datasheet
76Kb / 4P
8-INPUT OR/NOR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com