Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4078 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4078
Description  8-INPUT NOR/OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4078 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4078 Datasheet HTML 1Page - STMicroelectronics M74HC4078 Datasheet HTML 2Page - STMicroelectronics M74HC4078 Datasheet HTML 3Page - STMicroelectronics M74HC4078 Datasheet HTML 4Page - STMicroelectronics M74HC4078 Datasheet HTML 5Page - STMicroelectronics M74HC4078 Datasheet HTML 6Page - STMicroelectronics M74HC4078 Datasheet HTML 7Page - STMicroelectronics M74HC4078 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4078
DESCRIPTION
The M74HC4078 is an high speed CMOS
8-INPUT NOR/OR GATE fabricated with silicon
gate C2MOS technology.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4078
8-INPUT NOR/OR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4078B1R
SOP
M74HC4078M1R
M74HC4078RM13TR
TSSOP
M74HC4078TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
M74HC4078B1R STMICROELECTRONICS-M74HC4078B1R Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
M74HC4078C1R STMICROELECTRONICS-M74HC4078C1R Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
M74HC4078M1R STMICROELECTRONICS-M74HC4078M1R Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
More results

Similar Description - M74HC4078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4078B STMICROELECTRONICS-HCC4078B Datasheet
269Kb / 11P
8-INPUT NOR/OR GATE
Jun-1989
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Toshiba Semiconductor
TC74HC4078AP TOSHIBA-TC74HC4078AP Datasheet
177Kb / 4P
8-INPUT OR/NOR GATE
logo
Texas Instruments
SN54HC4078A TI-SN54HC4078A Datasheet
76Kb / 4P
8-INPUT OR/NOR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com