Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40174BMS Datasheet (PDF) - Renesas Technology Corp

CD40174BMS Datasheet PDF - Renesas Technology Corp
Part # CD40174BMS
Download  CD40174BMS Download
File Size   332.54 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Hex ‘D’-Type Flip-Flop

CD40174BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40174BMS Datasheet PDF - Renesas Technology Corp

Part # CD40174BMS
Download  CD40174BMS Click to download

File Size   332.54 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Hex ‘D’-Type Flip-Flop

CD40174BMS Datasheet (HTML) - Renesas Technology Corp


CD40174BMS Product details

Features
• High Voltage Type (20V Rating)
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range, 100nA at 18V and +25oC
• Noise Margin (Over full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13A, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD40174BMS consists of six identical ‘D’-Type flip-flops
having independent DATA inputs. The CLOCK and CLEAR
inputs are common to all six units. Data is transferred to the
Q outputs on the positive going transition of the clock pulse.
All six flip-flops are simultaneously reset by a low level on
the CLEAR input.
The CD40174BMS is supplied in these 16 lead outline packages:
Braze Seal DIP H4T
Frit Seal DIP H1E
Ceramic Flatpack H6W




Similar Part No. - CD40174BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40174BMS INTERSIL-CD40174BMS Datasheet
70Kb / 8P
CMOS Hex ‘D’-Type Flip-Flop
December 1992
More results


Similar Description - CD40174BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
Hex D-type flip-flop
January 1995
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
CMOS HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
logo
Intersil Corporation
CD40174BMS INTERSIL-CD40174BMS Datasheet
70Kb / 8P
CMOS Hex ‘D’-Type Flip-Flop
December 1992
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
Hex Type D Flip-Flop
June, 2011 ??Rev. 7
logo
Texas Instruments
CD40174B TI1-CD40174B_15 Datasheet
918Kb / 16P
CMOS HEX D-type Flip-Flop
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com