Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40174BMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD40174BMS
Description  CMOS Hex ‘D’-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD40174BMS Datasheet(HTML) 8 Page - Renesas Technology Corp

  CD40174BMS Datasheet HTML 1Page - Renesas Technology Corp CD40174BMS Datasheet HTML 2Page - Renesas Technology Corp CD40174BMS Datasheet HTML 3Page - Renesas Technology Corp CD40174BMS Datasheet HTML 4Page - Renesas Technology Corp CD40174BMS Datasheet HTML 5Page - Renesas Technology Corp CD40174BMS Datasheet HTML 6Page - Renesas Technology Corp CD40174BMS Datasheet HTML 7Page - Renesas Technology Corp CD40174BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CD40174BMS
Rev X.00
Page 8 of 8
Jan 13, 2017
CD40174BMS
FIGURE 8. TYPICAL PROPAGATION DELAY TIME (CLOCK TO OUTPUT) AS A FUNCTION OF LOAD CAPACITANCE
Typical Performance Curves (Continued)
AMBIENT TEMPERATURE (TA) = +25oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
LOAD CAPACITANCE (CL) (pF)
0
1020304050
60708090
100
0
25
50
75
100
125
150
175
200
Waveform
FIGURE 9. DEFINITION OF SETUP, HOLD, PROPAGATION
DELAY, AND REMOVAL TIMES
CLOCK
INPUT
DATA
INPUT
OUTPUT
VDD
CLEAR
0
90%
50%
10%
VDD
50%
50%
0
0
0
tr CL
tf CL
tH(HL)*
tH(LH)*
tSU(HL)*
tSU(LH)*
tTLH
tTHL
tPHL
tPLH
tREM
90%
50%
10%
VDD
VDD
*(LH) OR (HL) OPTIONAL
Pad Layout
DIMENSIONS AND PAD LAYOUT FOR CD40174BMSH
The photographs and dimensions of each CMOS chip represent a chip when it
is part of the wafer. When the wafer is separated into individual chips, the angle
of cleavage may vary with respect to the chip face for different chips. The actual
dimensions of the isolated chip, therefore, may differ slightly from the nominal
dimensions shown. The user should consider a tolerance of -3 mils to +16 mils
applicable to the nominal dimensions shown.
Dimension in parenthesis are in millimeters and are derived from the basic inch
dimensions as indicated. Grid graduations are in mils (10-3 inch).
METALLIZATION: Thickness: 11k
Å 14kÅ, AL.
PASSIVATION: 10.4kÅ - 15.6k
Å, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN
DIE THICKNESS: 0.0198 inches - 0.0218 inches



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com