Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40192BMS Datasheet (PDF) - Renesas Technology Corp

CD40192BMS Datasheet PDF - Renesas Technology Corp
Part # CD40192BMS
Download  CD40192BMS Download
File Size   462.51 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Presettable Up/Down Counters(Dual Clock With Reset)

CD40192BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40192BMS Datasheet PDF - Renesas Technology Corp

Part # CD40192BMS
Download  CD40192BMS Click to download

File Size   462.51 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Presettable Up/Down Counters(Dual Clock With Reset)

CD40192BMS Datasheet (HTML) - Renesas Technology Corp


CD40192BMS Product details

Features
• CD40192BMS - BCD Type
• CD40193BMS - Binary Type
• High Voltage Type (20V Rating)
• Individual Clock Lines for Counting Up or Counting
Down
• Synchronous High-Speed Carry and Borrow Propagation Delays for Cascading
• Asynchronous Reset and Preset Capability
• Medium Speed Operation
- fCL = 8MHz (typ.) at 10V
• 5V, 10V and 15V Parametric Ratings
• Standardize Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD40192BMS Presettable BCD Up/Down Counter and the
CD40193BMS Presettable Binary Up/Down Counter each consist of 4 synchronously clocked, gated “D” type flip-flops connected as a counter. The inputs consist of 4 individual jam lines,
a PRESET ENABLE control, individual CLOCK UP and
CLOCK DOWN signals and a master RESET. Four buffered Q
signal outputs as well as CARRY and BORROW outputs for
multiple-stage counting schemes are provided.
The counter is cleared so that all outputs are in a low state by a
high on the RESET line. A RESET is accomplished asynchronously with the clock. Each output is individually programmable
asynchronously with the clock to the level on the corresponding
jam input when the PRESET ENABLE control is low.
The counter counts up one count on the positive clock edge of
the CLOCK UP signal provided the CLOCK DOWN line is high.
The counter counts down one count on the positive clock edge
of the CLOCK DOWN signal provided the CLOCK UP line is
high.
The CARRY and BORROW signals are high when the counter
is counting up or down. The CARRY signal goes low one-half
clock cycle after the counter reaches its maximum count in the
count-up mode. The BORROW signal goes low one-half clock
cycle after the counter reaches its minimum count in the countdown mode. Cascading of multiple packages is easily accomplished without the need for additional external circuitry by tying
the BORROW and CARRY outputs to the CLOCK DOWN and
CLOCK UP inputs, respectively, of the succeeding counter
package.
The CD40192BMS and CD40193BMS are supplied in these
16-lead outline packages:
Braze Seal DIP *H4W, †H4X
Frit Seal DIP H1F
Ceramic Flatpack *H6P, †H6W
* CD40192B Only †CD40193B Only




Similar Part No. - CD40192BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
More results


Similar Description - CD40192BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40192B STMICROELECTRONICS-HCC40192B Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
CMOS Presettable Up/Down Counters
December 1992
logo
STMicroelectronics
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com