Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4043BMS Datasheet (PDF) - Renesas Technology Corp

CD4043BMS Datasheet PDF - Renesas Technology Corp
Part # CD4043BMS
Download  CD4043BMS Download
File Size   395.92 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Quad 3 State R/S Latches

CD4043BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4043BMS Datasheet PDF - Renesas Technology Corp

Part # CD4043BMS
Download  CD4043BMS Click to download

File Size   395.92 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Quad 3 State R/S Latches

CD4043BMS Datasheet (HTML) - Renesas Technology Corp


CD4043BMS Product details

Features
• High Voltage Types (20V Rating)
• Quad NOR R/S Latch- CD4043BMS
• Quad NAND R/S Latch - CD4044BMS
• 3 State Outputs with Common Output ENABLE
• Separate SET and RESET Inputs for Each Latch
• NOR and NAND Configuration
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1a at 18V Over Full Package-Temperature Range;
- 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of ‘B’
Series CMOS Devices”

Description
CD4043BMS types are quad cross-coupled 3-state CMOS NOR
latches and the CD4044BMS types are quad cross-coupled 3-
state CMOS NAND latches. Each latch has a separate Q output
and individual SET and RESET inputs. The Q outputs are controlled by a common ENABLE input. A logic “1” or high on the
ENABLE input connects the latch states to the Q outputs. A logic
“0” or low on the ENABLE input disconnects the latch states from
the Q outputs, results in an open circuit feature allows common
busing of the outputs.
The CD4043BMS and CD4044BMS are supplied in these 16-
lead outline packages:
Braze Seal DIP *H4T †H4T
Frit Seal DIP *H1C †HIE
Ceramic Flatpack *H3X †H6W
*CD4043B Only †CD4044B Only




Similar Part No. - CD4043BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
CD4043BMSH INTERSIL-CD4043BMSH Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
More results


Similar Description - CD4043BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
QUAD 3-STATE R-S LATCHES
Jun-1989
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
CMOS QUAD 3-STATE R/S LATCHES
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
Quad. S-R Latches
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
KODENSHI_AUK CORP.
KK4043B KODENSHI-KK4043B Datasheet
319Kb / 6P
Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4043B IKSEMICON-IW4043B Datasheet
217Kb / 6P
Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
Quad S-R Latches
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
CMOS Quad 3-State R/S Latches
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com