Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4043BMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD4043BMS
Description  CMOS Quad 3 State R/S Latches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4043BMS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CD4043BMS Datasheet HTML 2Page - Renesas Technology Corp CD4043BMS Datasheet HTML 3Page - Renesas Technology Corp CD4043BMS Datasheet HTML 4Page - Renesas Technology Corp CD4043BMS Datasheet HTML 5Page - Renesas Technology Corp CD4043BMS Datasheet HTML 6Page - Renesas Technology Corp CD4043BMS Datasheet HTML 7Page - Renesas Technology Corp CD4043BMS Datasheet HTML 8Page - Renesas Technology Corp CD4043BMS Datasheet HTML 9Page - Renesas Technology Corp CD4043BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CD4043BMS, CD4044BMS
FN3311 Rev 0.00
Page 8 of 10
December 1992
FIGURE 8. SWITCH BOUNCE ELIMINATOR
FIGURE 9. ENABLE PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORM
FIGURE 7. TYPICAL POWER DISSIPATION vs FREQUENCY
Typical Performance Characteristics (Continued)
10V
5V
10V
AMBIENT TEMPERATURE (TA) = +25oC
SUPPLY VOLTAGE (VDD) = 15V
105
103
10
1
106
102
104
INPUT FREQUENCY (fI) (kHz)
103
104
105
106
107
CL = 50pF
CL =15pF
TEST
IN
IN
A
tPHZ
VDD
VSS
VSS
tPLZ
VSS
VDD
VDD
tPZH
VDD
VSS
VSS
tPZL
VSS
VDD
VDD
Z = HIGH IMPEDANCE
LATCH
SQ
R
LATCH
SQ
R
OUTPUT
OUTPUT
1M
1M
1M
1M
VDD
VDD
VDD
CD4044BMS
CD4043BMS
14
15
16
13
12
11
10
9
1
2
3
4
5
7
6
8
ENABLE
A
VDD
IN
IN
1K
CL = 50pF
VSS
50%
50%
VDD
ENABLE
tPZH
tPHZ
tPLZ
tPZL
90%
10%
90%
10%
POINT A
(IN = VDD, IN = VSS)
POINT A
(IN = VSS, IN = VDD)
VSS
2/3 VDD
1/3 VDD
2/3 VDD
1/3 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com