Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C550 Datasheet (PDF) - NXP Semiconductors

87C550 Datasheet PDF - NXP Semiconductors
Part # 87C550
Download  87C550 Download
File Size   190.29 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer

87C550 Datasheet (PDF)

Go To PDF Page Download Datasheet
87C550 Datasheet PDF - NXP Semiconductors

Part # 87C550
Download  87C550 Click to download

File Size   190.29 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer

87C550 Datasheet (HTML) - NXP Semiconductors


87C550 Product details

DESCRIPTION

The Philips 8XC550 is a high-performance microcontroller fabricated with Philips high-density CMOS technology. This Philips CMOS technology combines the high speed and density characteristics of HMOS with the low power attributes of CMOS. Philips epitaxial substrate minimizes latch-up sensitivity. The CMOS 8XC550 has the same instruction set as the 80C51.

The 8XC550 contains a 4k × 8 EPROM (87C550)/ROM (83C550)/ROMless (80C550 has no program memory on-chip), a 128 × 8 RAM, 8 channels of 8-bit A/D, four 8-bit ports (port 1 is input only), a watchdog timer, two 16-bit counter/timers, a seven-source, two-priority level nested interrupt structure, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and an on-chip oscillator and clock circuits.



FEATURES

• 80C51 based architecture

   – 4k × 8 EPROM (87C550)/ROM (83C550)

   – 128 × 8 RAM

   – Eight channels of 8-bit A/D

   – Two 16-bit counter/timers

   – Watchdog timer

   – Full duplex serial channel

   – Boolean processor

• Memory addressing capability

   – 64k ROM and 64k RAM

• Power control modes:

   – Idle mode

   – Power-down mode

• CMOS and TTL compatible

• One speed range at VCC = 5V ±10%

   – 3.5 to 16MHz

• Extended temperature ranges

• OTP package available



 




Similar Part No. - 87C550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
87C554 PHILIPS-87C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
More results


Similar Description - 87C550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
80C51 8-bit microcontroller family
2003 May 14
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com