Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C552 Datasheet (PDF) - NXP Semiconductors

87C552 Datasheet PDF - NXP Semiconductors
Part # 87C552
Download  87C552 Download
File Size   193.22 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O

87C552 Datasheet (PDF)

Go To PDF Page Download Datasheet
87C552 Datasheet PDF - NXP Semiconductors

Part # 87C552
Download  87C552 Click to download

File Size   193.22 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O

87C552 Datasheet (HTML) - NXP Semiconductors


87C552 Product details

DESCRIPTION
The 87C552 Single-Chip 8-Bit Microcontroller is manufactured in an advanced CMOS process and is a derivative of the 80C51 microcontroller family. The 87C552 has the same instruction set as the 80C51. Three versions of the derivative exist:
    • 83C552—8k bytes mask programmable ROM
    • 80C552—ROMless version of the 83C552
    • 87C552—8k bytes EPROM

FEATURES
• 80C51 central processing unit
• 8k × 8 EPROM expandable externally to 64k bytes
• An additional 16-bit timer/counter coupled to four capture registers and three compare registers
• Two standard 16-bit timer/counters
• 256 × 8 RAM, expandable externally to 64k bytes
• Capable of producing eight synchronized, timed outputs
• A 10-bit ADC with eight multiplexed analog inputs
• Two 8-bit resolution, pulse width modulation outputs
• Five 8-bit I/O ports plus one 8-bit input port shared with analog inputs
• I2C-bus serial I/O port with byte oriented master and slave functions
• Full-duplex UART compatible with the standard 80C51
• On-chip watchdog timer
• 16MHz speed
• Extended temperature ranges
• OTP package available




Similar Part No. - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C550 PHILIPS-87C550 Datasheet
190Kb / 28P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
87C554 PHILIPS-87C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
More results


Similar Description - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C554 PHILIPS-80C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
logo
Microchip Technology
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com