Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C453 Datasheet (PDF) - NXP Semiconductors

83C453 Datasheet PDF - NXP Semiconductors
Part # 83C453
Download  83C453 Download
File Size   188.03 Kbytes
Page   26 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O

83C453 Datasheet (PDF)

Go To PDF Page Download Datasheet
83C453 Datasheet PDF - NXP Semiconductors

Part # 83C453
Download  83C453 Click to download

File Size   188.03 Kbytes
Page   26 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O

83C453 Datasheet (HTML) - NXP Semiconductors


83C453 Product details

DESCRIPTION
The Philips 8XC453 is an I/O expanded single-chip microcontroller fabricated with Philips high-density CMOS technology. Philips epitaxial substrate minimizes latch-up sensitivity.
The 8XC453 is a functional extension of the 87C51 microcontroller with three additional I/O ports and four I/O control lines. The 8XC453 is available in 68-pin LCC packages. Four control lines associated with port 6 facilitate high-speed asynchronous I/O functions.
The 87C453 includes an 8k × 8 EPROM, a 256 × 8 RAM, 56 I/O lines, two 16-bit timer/counters, a seven source, two priority level, nested interrupt structure, a serial I/O port for either a full duplex UART, I/O expansion, or multi-processor communications, and on-chip oscillator and clock circuits.

FEATURES
• 80C51 based architecture
• Seven 8-bit I/O ports
• Port 6 features:
    – Eight data pins
    – Four control pins
    – Direct MPU bus interface
    – ISA Bus Interface
    – Parallel printer interface
    – IBF and OBF interrupts
    – A flag latch on host write
• On the microcontroller:
    – 8k × 8 EPROM
        Quick pulse programming algorithm
        Two-level program security system
    – 256 × 8 RAM
    – Two 16-bit counter/timers
    – Two external interrupts
• External memory addressing capability
    – 64k ROM and 64k RAM
• Low power consumption:
    – Normal operation: less than 24mA at 5V, 16MHz
    – Idle mode
    – Power-down mode
• Reduced EMI
• Full-duplex enhanced UART
    – Framing error detection
    – Automatic address recognition




Similar Part No. - 83C453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
262Kb / 23P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results


Similar Description - 83C453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com