Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4512BMS Datasheet (PDF) - Renesas Technology Corp

CD4512BMS Datasheet PDF - Renesas Technology Corp
Part # CD4512BMS
Download  CD4512BMS Download
File Size   332.58 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual 4-Bit Latch

CD4512BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4512BMS Datasheet PDF - Renesas Technology Corp

Part # CD4512BMS
Download  CD4512BMS Click to download

File Size   332.58 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual 4-Bit Latch

CD4512BMS Datasheet (HTML) - Renesas Technology Corp


CD4512BMS Product details

Features
• High-Voltage Types (20-Volt Rating)
• 3-State Outputs
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V, and 15V Parametric Ratings
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and 25oC
• Noise Margin (Full Package-Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets all Requirements of JEDEC Tentative Standard
No. 13B, "Standard Specifications for Description of
‘B’ Series CMOS Devices"

Description
CD4512BMS is an 8-channel data selector featuring a threestate output that can interface directly with, and drive, data
lines of bus-oriented systems.
The CD4512BMS is supplied in these 16 lead outline
packages:
Braze Seal DIP H4S
Frit Seal DIP H1E
Ceramic Flatpack H3X




Similar Part No. - CD4512BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
CMOS Dual 4-Bit Latch
December 1992
More results


Similar Description - CD4512BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
Dual 4-Bit Latch
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
Dual 4-bit latch
January 1995
logo
Texas Instruments
CD4508B TI-CD4508B Datasheet
228Kb / 14P
CMOS DUAL 4-BIT LATCH
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
CMOS Dual 4-Bit Latch
December 1992
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
CMOS Dual 4-Bit Latch
December 1992
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
DUAL 4-BIT LATCH
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
Cmos Dual 4-Bit Latch
logo
Motorola, Inc
MC14508B MOTOROLA-MC14508B Datasheet
205Kb / 7P
Dual 4-Bit Latch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com