Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4512BMS Datasheet (PDF) - Intersil Corporation

CD4512BMS Datasheet PDF - Intersil Corporation
Part # CD4512BMS
Download  CD4512BMS Download
File Size   67.22 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual 4-Bit Latch

CD4512BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4512BMS Datasheet PDF - Intersil Corporation

Part # CD4512BMS
Download  CD4512BMS Click to download

File Size   67.22 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual 4-Bit Latch

CD4512BMS Datasheet (HTML) - Intersil Corporation


CD4512BMS Product details

Description
CD4512BMS is an 8-channel data selector featuring a threestate output that can interface directly with, and drive, data lines of bus-oriented systems.
   
Features
• High-Voltage Types (20-Volt Rating)
• 3-State Outputs
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V, and 15V Parametric Ratings
• Maximum Input Current of 1µA at 18V Over Full Package
    Temperature Range; 100nA at 18V and 25oC
• Noise Margin (Full Package-Temperature Range):
    - 1V at VDD = 5V
    - 2V at VDD = 10V
    - 2.5V at VDD = 15V
• Meets all Requirements of JEDEC Tentative Standard
    No. 13B, "Standard Specifications for Description of
    ‘B’ Series CMOS Devices"
   
Applications
• Digital Multiplexing
• Number-sequence Generation
• Signal Gating
   




Similar Part No. - CD4512BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4512BMS RENESAS-CD4512BMS Datasheet
332Kb / 8P
CMOS Dual 4-Bit Latch
December 1992
More results


Similar Description - CD4512BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
Dual 4-Bit Latch
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
Dual 4-bit latch
January 1995
logo
Texas Instruments
CD4508B TI-CD4508B Datasheet
228Kb / 14P
CMOS DUAL 4-BIT LATCH
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
CMOS Dual 4-Bit Latch
December 1992
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
DUAL 4-BIT LATCH
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
Cmos Dual 4-Bit Latch
logo
Motorola, Inc
MC14508B MOTOROLA-MC14508B Datasheet
205Kb / 7P
Dual 4-Bit Latch
logo
Renesas Technology Corp
CD4512BMS RENESAS-CD4512BMS Datasheet
332Kb / 8P
CMOS Dual 4-Bit Latch
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com