Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPT857D Datasheet (PDF) - Renesas Technology Corp

CSPT857D Datasheet PDF - Renesas Technology Corp
Part # CSPT857D
Download  CSPT857D Download
File Size   347.57 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER

CSPT857D Datasheet (PDF)

Go To PDF Page Download Datasheet
CSPT857D Datasheet PDF - Renesas Technology Corp

Part # CSPT857D
Download  CSPT857D Click to download

File Size   347.57 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER

CSPT857D Datasheet (HTML) - Renesas Technology Corp


CSPT857D Product details

FEATURES:
• 1 to 10 differential clock distribution
• Optimized for clock distribution in DDR (Double Data Rate)
SDRAM applications requiring improved output crosspoint
voltage
• Operating frequency: 60MHz to 220MHz
• Very low skew:
– <100ps for PC1600 - PC2700
– <75ps for PC3200
• Very low jitter:
– <75ps for PC1600 - PC2700
– <50ps for PC3200
• 2.5V AVDD and 2.5V VDDQ for PC1600-PC2700
• 2.6V AVDD and 2.6V VDDQ for PC3200
• CMOS control signal input
• Test mode enables buffers while disabling PLL
• Low current power-down mode
• Tolerant of Spread Spectrum input clock
• Available in 48-pin TSSOP, 40-pin VFQFPN, and 56-pin VFBGA
packages

DESCRIPTION:
The CSPT857D is a PLL based clock driver that acts as a zero delay buffer
to distribute one differential clock input pair(CLK, CLK ) to 10 differential output
pairs (Y [0:9],Y [0:9]) and one differential pair of feedback clock output (FBOUT,
FBOUT). External feedback pins (FBIN, FBIN) for synchronization of the
outputs to the input reference is provided. A CMOS Enable/Disable pin is
available for low power disable. When the input frequency falls below
approximately 20MHz, the device will enter power down mode. In this mode,
the receivers are disabled, the PLL is turned off, and the output clock drivers
are tristated, resulting in a current consumption of less than 200μA.
The CSPT857D requires no external components and has been optimised
for very low I/O phase error, skew, and jitter, while maintaining frequency and
duty cycle over the operating voltage and temperature range. The CSPT857D,
designed for use in both module assemblies and system motherboard based
solutions, provides an optimum high-performance clock source.
The CSPT857D is available in Commercial Temperature Range (0°C to
+70°C). See Ordering Information for details




Similar Part No. - CSPT857D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results


Similar Description - CSPT857D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com