Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C575 Datasheet (PDF) - NXP Semiconductors

83C575 Datasheet PDF - NXP Semiconductors
Part # 83C575
Download  83C575 Download
File Size   383.34 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer

83C575 Datasheet (PDF)

Go To PDF Page Download Datasheet
83C575 Datasheet PDF - NXP Semiconductors

Part # 83C575
Download  83C575 Click to download

File Size   383.34 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer

83C575 Datasheet (HTML) - NXP Semiconductors


83C575 Product details

DESCRIPTION

The Philips 80C575/83C575/87C575 is a high-performance microcontroller fabricated with Philips high-density CMOS technology. The Philips CMOS technology combines the high speed and density characteristics of HMOS with the low power attributes of CMOS. Philips epitaxial substrate minimizes latch-up sensitivity.

The 8XC575 contains an 8k × 8 ROM (83C575) EPROM (87C575), a 256 × 8 RAM, 32 I/O lines, three 16-bit counter/timers, a Programmable Counter Array (PCA), a seven-source, two-priority level nested interrupt structure, an enhanced UART, four analog comparators, power-fail detect and oscillator fail detect circuits, and on-chip oscillator and clock circuits.



FEATURES

• 80C51 based architecture

   – 8k × 8 ROM (83C575)

   – 8k × 8 EPROM (87C575)

   – ROMless (80C575)

   – 256 × 8 RAM

   – Three 16-bit counter/timers

   – Programmable Counter Array

   – Enhanced UART

   – Boolean processor

   – Oscillator fail detect

   – Low active reset

   – Asynchronous low port reset

   – Schmitt trigger inputs

   – 4 analog comparators

   – Watchdog timer

   – Low VCC detect

• Memory addressing capability

   – 64k ROM and 64k RAM

• Power control modes:

   – Idle mode

   – Power-down mode

• CMOS and TTL compatible

• 4.0 to 16MHz

• Extended temperature ranges

• OTP package available



 




Similar Part No. - 83C575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
More results


Similar Description - 83C575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
8XC54 PHILIPS-8XC54 Datasheet
355Kb / 56P
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
NXP Semiconductors
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com