Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV16211 Datasheet (PDF) - Renesas Technology Corp

74CBTLV16211 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV16211
Download  74CBTLV16211 Download
File Size   277.63 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 24-BIT BUS SWITCH

74CBTLV16211 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV16211 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV16211
Download  74CBTLV16211 Click to download

File Size   277.63 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 24-BIT BUS SWITCH

74CBTLV16211 Datasheet (HTML) - Renesas Technology Corp


74CBTLV16211 Product details

APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
FEATURES:
• 5Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package




Similar Part No. - 74CBTLV16211

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
24-bit bus switch
Rev. 7 - 9 November 2016
logo
Texas Instruments
74CBTLV16211CGRDR TI-74CBTLV16211CGRDR Datasheet
303Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
74CBTLV16211CZRDR TI-74CBTLV16211CZRDR Datasheet
303Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Nexperia B.V. All right...
74CBTLV16211DGG NEXPERIA-74CBTLV16211DGG Datasheet
374Kb / 18P
24-bit bus switch
74CBTLV16211DGG NEXPERIA-74CBTLV16211DGG Datasheet
373Kb / 18P
24-bit bus switch
Rev. 7 - 9 November 2016
More results


Similar Description - 74CBTLV16211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211 Datasheet
66Kb / 5P
LOW-VOLTAGE 24-BIT BUS SWITCH
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211_14 Datasheet
100Kb / 5P
LOW-VOLTAGE 24-BIT BUS SWITCH
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com