Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8302-01 Datasheet (PDF) - Renesas Technology Corp

8302-01 Datasheet PDF - Renesas Technology Corp
Part # 8302-01
Download  8302-01 Download
File Size   301.41 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output

8302-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
8302-01 Datasheet PDF - Renesas Technology Corp

Part # 8302-01
Download  8302-01 Click to download

File Size   301.41 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output

8302-01 Datasheet (HTML) - Renesas Technology Corp


8302-01 Product details

GENERAL DESCRIPTION
The 8302-01 is a low skew, 1-to-2 LVCMOS/LVTTL Fanout
Buffer w/Complementary Output. The 8302-01 has a single
ended clock input. The single ended clock input accepts
LVCMOS or LVTTL input levels.The 8302-01 is characterizedat
full 3.3V for input VDD, and mixed 3.3V and 2.5V foroutput
operating supply modes (VDDO). Guaranteed output and partto-
part skew characteristics make the 8302-01 ideal for clock
distribution applications demanding well defi ned performance
and repeatability.

FEATURES
• Complementary LVCMOS / LVTTL output
• LVCMOS / LVTTL clock input accepts LVCMOS
or LVTTL input levels
• Maximum output frequency: 250MHz
• Output skew: 165ps (maximum)
• Part-to-part skew: 800ps (maximum)
• Small 8 lead SOIC package saves board space
• Full 3.3V or 3.3V core, 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - 8302-01

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8302-1032-A RAF-8302-1032-A Datasheet
133Kb / 1P
OFFSET ROUND INTERNAL THREAD HANDLE
logo
Molex Electronics Ltd.
8302-3 MOLEX11-8302-3 Datasheet
19Kb / 1P
Insulation Punch
8302-4 MOLEX11-8302-4 Datasheet
16Kb / 1P
Conductor Punch
More results


Similar Description - 8302-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS8302-01 ICST-ICS8302-01 Datasheet
78Kb / 8P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
REV. A DECEMBER 10, 2002
ICS8302I-01 ICST-ICS8302I-01 Datasheet
122Kb / 8P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
REV. A NOVEMBER 2, 2005
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
8302I-01 IDT-8302I-01 Datasheet
247Kb / 8P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
logo
Renesas Technology Corp
8302I-01 RENESAS-8302I-01 Datasheet
511Kb / 9P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
May 4, 2017
8302I RENESAS-8302I Datasheet
250Kb / 11P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com