Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8302I Datasheet (PDF) - Renesas Technology Corp

8302I Datasheet PDF - Renesas Technology Corp
Part # 8302I
Download  8302I Download
File Size   250.36 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER

8302I Datasheet (PDF)

Go To PDF Page Download Datasheet
8302I Datasheet PDF - Renesas Technology Corp

Part # 8302I
Download  8302I Click to download

File Size   250.36 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER

8302I Datasheet (HTML) - Renesas Technology Corp


8302I Product details

FEATURES
• 2 LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input accepts LVCMOS
or LVTTL input levels
• Maximum output frequency: 200MHz
• Output skew: 40ps (typical)
• Part-to-part skew: 250ps (typical)
• Small 8 lead SOIC package saves board space
• Full 3.3V or 3.3V core, 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant




Similar Part No. - 8302I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8302I-01 IDT-8302I-01 Datasheet
247Kb / 8P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
logo
Renesas Technology Corp
8302I-01 RENESAS-8302I-01 Datasheet
511Kb / 9P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
May 4, 2017
More results


Similar Description - 8302I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com