Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83115 Datasheet (PDF) - Integrated Circuit Systems

ICS83115 Datasheet PDF - Integrated Circuit Systems
Part # ICS83115
Download  ICS83115 Download
File Size   180.44 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER

ICS83115 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83115 Datasheet PDF - Integrated Circuit Systems

Part # ICS83115
Download  ICS83115 Click to download

File Size   180.44 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER

ICS83115 Datasheet (HTML) - Integrated Circuit Systems


ICS83115 Product details

GENERAL DESCRIPTION
The ICS83115 is a low skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS83115 single ended clock input accepts LVCMOS or LVTTL input levels. The ICS83115 operates at full 3.3V supply mode over the commercial temperature range. Guaranteed output and part-topart skew characteristics make the ICS83115 ideal for those clock distribution applications demanding well defined performance and repeatability.

FEATURES
• 16 LVCMOS/LVTTL outputs
• 1 LVCMOS/LVTTL clock input
• Maximum output frequency: 200MHz
• All inputs are 5V tolerant
• Output skew: 250ps (maximum)
• Part-to-part skew: 800ps (maximum)
• Additive phase jitter, RMS: 0.09ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request




Similar Part No. - ICS83115

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83115BRLF IDT-ICS83115BRLF Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83115BRLF RENESAS-ICS83115BRLF Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
logo
Integrated Device Techn...
ICS83115BRLFT IDT-ICS83115BRLFT Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83115BRLFT RENESAS-ICS83115BRLFT Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
More results


Similar Description - ICS83115

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115 RENESAS-83115 Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com