Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83115 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS83115
Description  LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83115 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS83115 Datasheet HTML 1Page - Integrated Circuit Systems ICS83115 Datasheet HTML 2Page - Integrated Circuit Systems ICS83115 Datasheet HTML 3Page - Integrated Circuit Systems ICS83115 Datasheet HTML 4Page - Integrated Circuit Systems ICS83115 Datasheet HTML 5Page - Integrated Circuit Systems ICS83115 Datasheet HTML 6Page - Integrated Circuit Systems ICS83115 Datasheet HTML 7Page - Integrated Circuit Systems ICS83115 Datasheet HTML 8Page - Integrated Circuit Systems ICS83115 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS83115
LOW SKEW, 1-TO-16
LVCMOS / LVTTL FANOUT BUFFER
83115BR
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 21, 2004
5
Integrated
Circuit
Systems, Inc.
ADDITIVE PHASE JITTER
Additive Phase Jitter, RMS
@ 155.52MHz (12KHz to 20MHz)
= 0.09ps typical
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
1k
10k
100k
1M
10M
100M
The spectral purity in a band at a specific offset from the funda-
mental compared to the power of the fundamental is called the
dBc Phase Noise. This value is normally expressed using a
Phase noise plot and is most often the specified plot in many
applications. Phase noise is defined as the ratio of the noise
power present in a 1Hz band at a specified offset from the fun-
damental frequency to the power value of the fundamental. This
ratio is expressed in decibels (dBm) or a ratio of the power in
As with most timing specifications, phase noise measurements
have issues. The primary issue relates to the limitations of the
equipment. Often the noise floor of the equipment is higher than
the noise floor of the device. This is illustrated above. The de-
the 1Hz band to the power in the fundamental. When the re-
quired offset is specified, the phase noise is called a
dBc value,
which simply means dBm at a specified offset from the funda-
mental. By investigating jitter in the frequency domain, we get a
better understanding of its effects on the desired application over
the entire time record of the signal. It is mathematically possible
to calculate an expected bit error rate given a phase noise plot.
vice meets the noise floor of what is shown, but can actually be
lower. The phase noise is dependant on the input source and
measurement equipment.
OFFSET FROM CARRIER FREQUENCY (HZ)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com