Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83115 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83115
Description  LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83115 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83115 Datasheet HTML 1Page - Integrated Circuit Systems ICS83115 Datasheet HTML 2Page - Integrated Circuit Systems ICS83115 Datasheet HTML 3Page - Integrated Circuit Systems ICS83115 Datasheet HTML 4Page - Integrated Circuit Systems ICS83115 Datasheet HTML 5Page - Integrated Circuit Systems ICS83115 Datasheet HTML 6Page - Integrated Circuit Systems ICS83115 Datasheet HTML 7Page - Integrated Circuit Systems ICS83115 Datasheet HTML 8Page - Integrated Circuit Systems ICS83115 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS83115
LOW SKEW, 1-TO-16
LVCMOS / LVTTL FANOUT BUFFER
83115BR
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 21, 2004
1
Integrated
Circuit
Systems, Inc.
GENERAL DESCRIPTION
The ICS83115 is a low skew, 1-to-16 LVCMOS/
LVTTL Fanout Buffer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from ICS. The ICS83115 single ended
clock input accepts LVCMOS or LVTTL input lev-
els. The ICS83115 operates at full 3.3V supply mode over the
commercial temperature range. Guaranteed output and part-to-
part skew characteristics make the ICS83115 ideal for those
clock distribution applications demanding well defined perfor-
mance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 16 LVCMOS/LVTTL outputs
• 1 LVCMOS/LVTTL clock input
• Maximum output frequency: 200MHz
• All inputs are 5V tolerant
• Output skew: 250ps (maximum)
• Part-to-part skew: 800ps (maximum)
• Additive phase jitter, RMS: 0.09ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request
ICS83115
28-Lead SSOP, 150mil
9.9mm x 3.9mm x 1.7mm body package
R Package
(Top View)
HiPerClockS™
ICS
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
OE1
GND
OE0
V
DD
IN
4
4
OE1
Q0
Q1
Q2
VDD
VDD
Q3
Q4
GND
GND
Q5
Q6
Q7
IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OE2
Q15
Q14
Q13
VDD
VDD
Q12
Q11
GND
GND
Q10
Q9
Q8
OE0
OE2


Similar Part No. - ICS83115

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83115BRLF IDT-ICS83115BRLF Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83115BRLF RENESAS-ICS83115BRLF Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
logo
Integrated Device Techn...
ICS83115BRLFT IDT-ICS83115BRLFT Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83115BRLFT RENESAS-ICS83115BRLFT Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
More results

Similar Description - ICS83115

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115 RENESAS-83115 Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com