Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83115 Datasheet (PDF) - Renesas Technology Corp

83115 Datasheet PDF - Renesas Technology Corp
Part # 83115
Download  83115 Download
File Size   354.15 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer

83115 Datasheet (PDF)

Go To PDF Page Download Datasheet
83115 Datasheet PDF - Renesas Technology Corp

Part # 83115
Download  83115 Click to download

File Size   354.15 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer

83115 Datasheet (HTML) - Renesas Technology Corp


83115 Product details

Features
• Sixteen LVCMOS / LVTTL outputs, 15 output impedance
• One LVCMOS / LVTTL clock input
• Maximum output frequency: 200MHz
• All inputs are 5V tolerant
• Output skew: 250ps (maximum)
• Part-to-part skew: 800ps (maximum)
• Additive phase jitter, RMS: 0.09ps (typical)
• Full 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83115

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Winchester Electronics ...
8311505 WINCHESTER-8311505 Datasheet
378Kb / 6P
Between Series Adapters
logo
Integrated Device Techn...
83115BRILF IDT-83115BRILF Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83115BRILF RENESAS-83115BRILF Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
logo
Integrated Device Techn...
83115BRILFT IDT-83115BRILFT Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
More results


Similar Description - 83115

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com