Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8312 Datasheet (PDF) - Integrated Circuit Systems

ICS8312 Datasheet PDF - Integrated Circuit Systems
Part # ICS8312
Download  ICS8312 Download
File Size   253.34 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER

ICS8312 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8312 Datasheet PDF - Integrated Circuit Systems

Part # ICS8312
Download  ICS8312 Click to download

File Size   253.34 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER

ICS8312 Datasheet (HTML) - Integrated Circuit Systems


ICS8312 Product details

GENERAL DESCRIPTION
The ICS8312 is a low skew, 1-to-12 LVCMOS / LVTTL Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8312 single ended clock input accepts LVCMOS or LVTTL input levels. The low impedance LVCMOS outputs are designed to drive 50Ω series or parallel terminated transmission lines. The effective fanout can be increased from 12 to 24 by utilizing the ability of the outputs to drive two series terminated lines.

FEATURES
• 12 LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input
• Maximum output frequency: 250MHz
• Output skew: 150ps (maximum)
• Operating supply modes:
    Core/Output
    3.3V/3.3V,
    2.5V/2.5V,
    1.8V/1.8V,
    3.3V/2.5V,
    3.3V/1.8V,
    2.5V/1.8V
• 0°C to 85°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request




Similar Part No. - ICS8312

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8312 IDT-ICS8312 Datasheet
1Mb / 18P
Maximum output frequency
logo
Integrated Circuit Syst...
ICS8312AYI ICST-ICS8312AYI Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
ICS8312AYIT ICST-ICS8312AYIT Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
ICS8312I ICST-ICS8312I Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
More results


Similar Description - ICS8312

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS83948I-147 ICST-ICS83948I-147 Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
ICS8312I ICST-ICS8312I Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
logo
Integrated Device Techn...
8312 IDT-8312_15 Datasheet
295Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
8312I IDT-8312I_15 Datasheet
299Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
8312I RENESAS-8312I Datasheet
493Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com