Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83948I Datasheet (PDF) - Renesas Technology Corp

83948I Datasheet PDF - Renesas Technology Corp
Part # 83948I
Download  83948I Download
File Size   504.1 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer

83948I Datasheet (PDF)

Go To PDF Page Download Datasheet
83948I Datasheet PDF - Renesas Technology Corp

Part # 83948I
Download  83948I Click to download

File Size   504.1 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer

83948I Datasheet (HTML) - Renesas Technology Corp


83948I Product details

Features
• Twelve LVCMOS/LVTTL outputs
• Selectable differential CLK/nCLK or LVCMOS/LVTTL clock
input
• CLK/nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• LVCMOS_CLK supports the following input types: LVCMOS,
LVTTL
• Maximum output frequency: 250MHz
• Output skew: 350ps (maximum)
• Part-to-part skew: 1.5ns (maximum)
• 3.3V core, 3.3V output
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For drop in replacement part use 83948i-147




Similar Part No. - 83948I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83948I IDT-83948I Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I-01 RENESAS-83948I-01 Datasheet
144Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS Fanout Buffer
March 18, 2016
logo
Integrated Device Techn...
83948I-147 IDT-83948I-147 Datasheet
361Kb / 17P
Low Skew, 1-to-1 Differential to-
logo
Renesas Technology Corp
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
logo
Integrated Device Techn...
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
More results


Similar Description - 83948I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS83948I-147 ICST-ICS83948I-147 Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
ICS8312I ICST-ICS8312I Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
logo
Integrated Device Techn...
8312 IDT-8312_15 Datasheet
295Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
8312I IDT-8312I_15 Datasheet
299Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
8312I RENESAS-8312I Datasheet
493Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com