Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8312 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8312
Description  LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8312 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8312 Datasheet HTML 1Page - Integrated Circuit Systems ICS8312 Datasheet HTML 2Page - Integrated Circuit Systems ICS8312 Datasheet HTML 3Page - Integrated Circuit Systems ICS8312 Datasheet HTML 4Page - Integrated Circuit Systems ICS8312 Datasheet HTML 5Page - Integrated Circuit Systems ICS8312 Datasheet HTML 6Page - Integrated Circuit Systems ICS8312 Datasheet HTML 7Page - Integrated Circuit Systems ICS8312 Datasheet HTML 8Page - Integrated Circuit Systems ICS8312 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
8312AY
http://www.icst.com/products/hiperclocks.html
REV. C JUNE 14, 2004
4
Integrated
Circuit
Systems, Inc.
ICS8312
LOW SKEW, 1-TO-12
LVCMOS / LVTTL FANOUT BUFFER
TABLE 4F. LVCMOS DC CHARACTERISTICS, TA = 0°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
K
L
C
V
D
D
%
5
±
V
3
.
3
=2
V
D
D
3
.
0
+V
V
D
D
%
5
±
V
5
.
2
=7
.
1V
D
D
3
.
0
+V
V
D
D
V
2
.
0
±
V
8
.
1
=V
*
5
6
.
0
D
D
V
D
D
3
.
0
+V
E
O
,
N
E
_
K
L
C
V
D
D
%
5
±
V
3
.
3
=2
V
D
D
3
.
0
+V
V
D
D
%
5
±
V
5
.
2
=7
.
1V
D
D
3
.
0
+V
V
D
D
V
2
.
0
±
V
8
.
1
=V
*
5
6
.
0
D
D
V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
K
L
C
V
D
D
%
5
±
V
3
.
3
=3
.
0
-3
.
1V
V
D
D
%
5
±
V
5
.
2
=3
.
0
-7
.
0V
V
D
D
V
2
.
0
±
V
8
.
1
=3
.
0
-V
*
5
3
.
0
D
D
V
E
O
,
N
E
_
K
L
C
V
D
D
%
5
±
V
3
.
3
=3
.
0
-3
.
1V
V
D
D
%
5
±
V
5
.
2
=3
.
0
-7
.
0V
V
D
D
V
2
.
0
±
V
8
.
1
=3
.
0
-V
*
5
3
.
0
D
D
V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
K
L
C
V
D
D
%
5
±
V
3
.
3
=0
5
1A
µ
V
D
D
%
5
±
V
5
.
2
=0
5
1A
µ
V
D
D
V
2
.
0
±
V
8
.
1
=0
5
1A
µ
E
O
,
N
E
_
K
L
C
V
D
D
%
5
±
V
3
.
3
=5
A
µ
V
D
D
%
5
±
V
5
.
2
=5
A
µ
V
D
D
V
2
.
0
±
V
8
.
1
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
K
L
C
V
D
D
%
5
±
V
3
.
3
=5
-A
µ
V
D
D
%
5
±
V
5
.
2
=5
-A
µ
V
D
D
V
2
.
0
±
V
8
.
1
=5
-A
µ
E
O
,
N
E
_
K
L
C
V
D
D
%
5
±
V
3
.
3
=0
5
1
-A
µ
V
D
D
%
5
±
V
5
.
2
=0
5
1
-A
µ
V
D
D
V
2
.
0
±
V
8
.
1
=0
5
1
-A
µ
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
O
D
D
1
E
T
O
N
;
%
5
±
V
3
.
3
=6
.
2V
V
O
D
D
I
;
%
5
±
V
5
.
2
=
H
O
A
m
1
-
=2
V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
5
.
2
=8
.
1V
V
O
D
D
I
;
V
2
.
0
±
V
8
.
1
=
H
O
A
u
0
0
1
-
=V
D
D
2
.
0
-V
V
O
D
D
1
E
T
O
N
;
V
2
.
0
±
V
8
.
1
=V
D
D
3
.
0
-V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
O
D
D
1
E
T
O
N
;
%
5
±
V
3
.
3
=5
.
0V
V
O
D
D
I
;
%
5
±
V
5
.
2
=
L
O
A
m
1
=4
.
0V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
5
.
2
=5
4
.
0V
V
O
D
D
I
;
V
2
.
0
±
V
8
.
1
=
L
O
A
u
0
0
1
=2
.
0V
V
O
D
D
1
E
T
O
N
;
V
2
.
0
±
V
8
.
1
=5
3
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
.
s
m
a
r
g
a
i
d
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
"
,
n
o
i
t
c
e
s
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com