Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83115 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS83115
Description  LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83115 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS83115 Datasheet HTML 1Page - Integrated Circuit Systems ICS83115 Datasheet HTML 2Page - Integrated Circuit Systems ICS83115 Datasheet HTML 3Page - Integrated Circuit Systems ICS83115 Datasheet HTML 4Page - Integrated Circuit Systems ICS83115 Datasheet HTML 5Page - Integrated Circuit Systems ICS83115 Datasheet HTML 6Page - Integrated Circuit Systems ICS83115 Datasheet HTML 7Page - Integrated Circuit Systems ICS83115 Datasheet HTML 8Page - Integrated Circuit Systems ICS83115 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
83115BR
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 21, 2004
4
ICS83115
LOW SKEW, 1-TO-16
LVCMOS / LVTTL FANOUT BUFFER
Integrated
Circuit
Systems, Inc.
TABLE 5. AC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= 0° TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
2z
H
M
t
H
L
p
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
Pƒ
≤
z
H
M
0
0
27
.
14
.
21
.
3s
n
t
)
Ø
(
t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
n
o
i
t
c
e
S
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
z
H
M
0
2
-
z
H
K
2
1
9
0
.
0s
p
t
)
o
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
OV
@
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
D
D
2
/0
5
10
5
2s
p
t
)
p
p
(
k
s4
,
3
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
PV
@
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
D
D
2
/0
0
8s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
60
5
1
1s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
5
45
5%
t
N
E
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
0
2s
n
t
S
I
D
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
0
2s
n
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
Af
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
o
t
t
u
p
n
i
e
h
t
f
o
2
/V
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
D
D
.
2
/
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com