Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8344I Datasheet (PDF) - Renesas Technology Corp

8344I Datasheet PDF - Renesas Technology Corp
Part # 8344I
Download  8344I Download
File Size   361.9 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer

8344I Datasheet (PDF)

Go To PDF Page Download Datasheet
8344I Datasheet PDF - Renesas Technology Corp

Part # 8344I
Download  8344I Click to download

File Size   361.9 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer

8344I Datasheet (HTML) - Renesas Technology Corp


8344I Product details

FEATURES
• Twenty-four LVCMOS/LVTTL outputs,
7Ω typical output impedance
• Two selectable differential clock input pairs for redundant
clock applications
• CLKx, nCLKx pair can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 100MHz
• Translates any single-ended input signal to LVCMOS/LVTTL
with resistor bias on nCLK input
• Multiple output enable pins for disabling unused outputs
in reduced fanout applications
• Output skew: 275ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Bank skew: 150ps (maximum)
• Supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8344I

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8344 FILTRAN-8344 Datasheet
196Kb / 1P
RJ-45 Single Port Connector with LEDs Intergrated Magnetics 1000 Base-T
logo
API Technologies Corp
8344 APITECH-8344 Datasheet
674Kb / 1P
Single Port Connector
logo
V-COIL THREAD SYSTEM
8344 V-COIL-8344 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Ulti-Mate Connector Inc
834411000 ULTI-MATE-834411000 Datasheet
33Kb / 1P
Micro-D Solder Cup Low Profile 9 Socket No Hardware Nickel Metal Shell 125 Max Temp No QPL
834431252 ULTI-MATE-834431252 Datasheet
263Kb / 1P
LOW-PROFILE MICRO-D CONNECTOR ASSEMBLY, AR21S02-26Y6-18.0-S01, NICKEL PLATED SHELL
4/18/19
More results


Similar Description - 8344I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 9, 2004
logo
Integrated Device Techn...
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com