Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

853S202 Datasheet (PDF) - Renesas Technology Corp

853S202 Datasheet PDF - Renesas Technology Corp
Part # 853S202
Download  853S202 Download
File Size   1172.86 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:2, Differential-to-3.3V, 2.5V LVPECL Multiplexer

853S202 Datasheet (PDF)

Go To PDF Page Download Datasheet
853S202 Datasheet PDF - Renesas Technology Corp

Part # 853S202
Download  853S202 Click to download

File Size   1172.86 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:2, Differential-to-3.3V, 2.5V LVPECL Multiplexer

853S202 Datasheet (HTML) - Renesas Technology Corp


853S202 Product details

Features
• High speed 12.2 differential multiplexer
• Two differential 3.3V or 2.5V LVPECL outputs
• Twelve selectable differential clock or data inputs
• CLKx, nCLKx pairs can accept the following differential input
levels: LVPECL, LVDS
• Maximum output frequency: 3GHz
• Translates any single ended input signal to LVPECL levels with
resistor bias on nCLKx input
• Propagation delay: 1.15ns (maximum)
• Input skew: 150ps (maximum)
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS: 0.114ps (typical) @ 155.52MHz, 3.3V
• Full 3.3V or 2.5V operating supply mode
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 853S202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S004AKILF IDT-853S004AKILF Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILF IDT-853S004AKILF Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004I IDT-853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
More results


Similar Description - 853S202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Pericom Semiconductor C...
PI6C485352 PERICOM-PI6C485352 Datasheet
928Kb / 7P
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
logo
Renesas Technology Corp
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com