Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S012I Datasheet (PDF) - Renesas Technology Corp

ICS853S012I Datasheet PDF - Renesas Technology Corp
Part # ICS853S012I
Download  ICS853S012I Download
File Size   1030.61 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer

ICS853S012I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S012I Datasheet PDF - Renesas Technology Corp

Part # ICS853S012I
Download  ICS853S012I Click to download

File Size   1030.61 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer

ICS853S012I Datasheet (HTML) - Renesas Technology Corp


ICS853S012I Product details

Features
• High speed 12:1 differential multiplexer
• One differential 3.3V or 2.5V LVPECL output
• Twelve selectable differential clock or data inputs
• CLKx, nCLKx pairs can accept the following differential input
levels: LVPECL, LVDS, CML
• Maximum output frequency: 3.2GHz
• Translates any single ended input signal to LVPECL levels with
resistor bias on nCLKx input
• Additive phase jitter, RMS: 0.144ps (typical)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.15ns (maximum)
• Full 3.3V or 2.5V operating supply modes
• -40°C to 85°C ambient operating temperature
• Available lead-free (RoHS 6) package




Similar Part No. - ICS853S012I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
495Kb / 20P
12:1, Different ial-to-3.3V, 2.5V LVPECL Clock/Data Mult iplexer
ICS853S012I IDT-ICS853S012I_17 Datasheet
495Kb / 20P
12:1, Different ial-to-3.3V, 2.5V LVPECL Clock/Data Mult iplexer
More results


Similar Description - ICS853S012I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C485352 PERICOM-PI6C485352 Datasheet
928Kb / 7P
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
logo
Integrated Device Techn...
ICS853S012I IDT-ICS853S012I_17 Datasheet
495Kb / 20P
12:1, Different ial-to-3.3V, 2.5V LVPECL Clock/Data Mult iplexer
logo
Renesas Technology Corp
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
853S202 RENESAS-853S202 Datasheet
1Mb / 23P
12:2, Differential-to-3.3V, 2.5V LVPECL Multiplexer
July 23, 2018
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com