Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

855S54 Datasheet (PDF) - Renesas Technology Corp

855S54 Datasheet PDF - Renesas Technology Corp
Part # 855S54
Download  855S54 Download
File Size   654.61 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer

855S54 Datasheet (PDF)

Go To PDF Page Download Datasheet
855S54 Datasheet PDF - Renesas Technology Corp

Part # 855S54
Download  855S54 Click to download

File Size   654.61 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer

855S54 Datasheet (HTML) - Renesas Technology Corp


855S54 Product details

Features
• Three differential LVDS output pairs
• Three differential LVPECL clock input pairs
• PCLKx pair can accept the following differential input levels:
LVPECL and LVDS
• Maximum output frequency: 2.5GHz
• Additive phase jitter, RMS: 0.035ps (typical)
• Propagation delay: 450ps (maximum)
• Part-to-part skew: 200ps (maximum)
• Full 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 855S54

ManufacturerPart #DatasheetDescription
logo
Littelfuse
855 LITTELFUSE-855 Datasheet
87Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
855 LITTELFUSE-855 Datasheet
80Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
3M Electronics
855 3M-855 Datasheet
130Kb / 6P
3M™ High Temperature Nylon Tape 855
Mar-2016
logo
Abbatron All Rights Res...
855 ABBATRON-855 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
855 BG-855 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
More results


Similar Description - 855S54

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
ICS854S54I RENESAS-ICS854S54I Datasheet
742Kb / 21P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com