Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854S54I Datasheet (PDF) - Renesas Technology Corp

ICS854S54I Datasheet PDF - Renesas Technology Corp
Part # ICS854S54I
Download  ICS854S54I Download
File Size   742.02 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer

ICS854S54I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854S54I Datasheet PDF - Renesas Technology Corp

Part # ICS854S54I
Download  ICS854S54I Click to download

File Size   742.02 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer

ICS854S54I Datasheet (HTML) - Renesas Technology Corp


ICS854S54I Product details

Features
• Three differential LVDS output pairs
• Three differential LVPECL clock input pairs
• PCLKx pair can accept the following differential input levels:
LVPECL, LVDS, CML
• Maximum output frequency: 2.5GHz
• Additive phase jitter, RMS: 0.053ps (typical)
• Propagation delay: 480ps (maximum), QA/nQA
445ps (maximum), QBx/nQBx
• Part-to-part skew: 200ps (maximum)
• Full 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS854S54I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
logo
Integrated Device Techn...
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
More results


Similar Description - ICS854S54I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
855S54 RENESAS-855S54 Datasheet
654Kb / 19P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
September 19, 2017
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com