Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL450BGLFT Datasheet (PDF) - Renesas Technology Corp

932SQL450BGLFT Datasheet PDF - Renesas Technology Corp
Part # 932SQL450BGLFT
Download  932SQL450BGLFT Download
File Size   7650.37 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Power CK420BQ Derivative for PCIe Common Clock Architectures

932SQL450BGLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
932SQL450BGLFT Datasheet PDF - Renesas Technology Corp

Part # 932SQL450BGLFT
Download  932SQL450BGLFT Click to download

File Size   7650.37 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Power CK420BQ Derivative for PCIe Common Clock Architectures

932SQL450BGLFT Datasheet (HTML) - Renesas Technology Corp


932SQL450BGLFT Product details

Features/Benefits
• Integrated 85 ohm differential terminations; saves 48
resistors and 82mm2 area
• LP-HCSL output drivers; 40% typical power savings over
932SQ420
• 0.5% down spread capable on CPU, SRC and PCI outputs;
reduce EMI
• Additional down spread amounts selectable via SMBus;
maximal system flexibility
• 64-pin TSSOP and VFQFPN packages; smallest board
footprint
Output Features
• 4 - Low-Power HCSL-compatible (LP-HCSL) CPU outputs
• 2 - LP-HCSL NS_SAS outputs
• 2 - LP-HCSL NS_SRC outputs
• 3 - LP-HCSL SRC outputs
• 1 - LP-HCSL DOT96 output
• 1 - 3.3V 48M output
• 5 - 3.3V PCI outputs
• 1 - 3.3V 14.318M output




Similar Part No. - 932SQL450BGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQL450 IDT-932SQL450 Datasheet
350Kb / 23P
Integrated 85 ohm differential terminations
More results


Similar Description - 932SQL450BGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
932SQL456 IDT-932SQL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
8-output CK420BQ Derivative
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQL456 RENESAS-932SQL456 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com