Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122-EVALZ Datasheet (PDF) - Analog Devices

ADPA1122-EVALZ Datasheet PDF - Analog Devices
Part # ADPA1122-EVALZ
Download  ADPA1122-EVALZ Download
File Size   880.15 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz

ADPA1122-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA1122-EVALZ Datasheet PDF - Analog Devices

Part # ADPA1122-EVALZ
Download  ADPA1122-EVALZ Click to download

File Size   880.15 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz

ADPA1122-EVALZ Datasheet (HTML) - Analog Devices


ADPA1122-EVALZ Product details

FEATURES
► Internally matched and AC-coupled 20 W GaN power amplifier
► Integrated temperature-compensated RF power detector
► POUT with PIN = 22 dBm: 43.5 dBm typical from 9.6 GHz to 11
GHz
► Small signal gain: 31 dB typical from 9.6 GHz to 11 GHz
► Power gain with PIN = 22 dBm: 21.5 dB typical from 8.2 GHz to
11 GHz
► PAE: 46% typical from 9.6 GHz to 11 GHz
► Supply voltage: 28 V at 200 mA on 10% duty cycle
► 18-terminal, 7 mm × 7 mm, LCC_HS package

APPLICATIONS
► Weather radars
► Marine radars
► Military radars

GENERAL DESCRIPTION
The ADPA1122 is a gallium nitride (GaN), power amplifier that
delivers 43 dBm (20 W) with more than 43% power added efficiency
(PAE) across its 8.2 GHz to 11.8 GHz frequency range. The
ADPA1122 provides ±0.5 dB of gain flatness from 9.6 GHz to 11
GHz.
The ADPA1122 is optimized for pulsed applications such as military,
marine, and weather radar.
The ADPA1122 is packaged in an 18-terminal, 7 mm × 7 mm,
ceramic leadless chip carrier with heat sink [LCC_HS] that exhibits
low thermal resistance and is compatible with surface-mount manufacturing
techniques.




Similar Part No. - ADPA1122-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1120 AD-ADPA1120 Datasheet
1,011Kb / 19P
4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
Rev. 0
ADPA1120ACPZN AD-ADPA1120ACPZN Datasheet
1,011Kb / 19P
4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
Rev. 0
ADPA1120ACPZN-R7 AD-ADPA1120ACPZN-R7 Datasheet
1,011Kb / 19P
4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
Rev. 0
More results


Similar Description - ADPA1122-EVALZ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
17 - 20 GHz 10 W GaN Power Amplifier
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
17 - 20 GHz 10 W GaN Power Amplifier
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
6??8 GHz 20 W GaN Power Amplifier
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
9??0 GHz 20 W GaN Power Amplifier
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
17 - 20 GHz 10 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com