Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet (PDF) - Analog Devices

ADPA1106 Datasheet PDF - Analog Devices
Part # ADPA1106
Download  ADPA1106 Download
File Size   1237.52 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier

ADPA1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA1106 Datasheet PDF - Analog Devices

Part # ADPA1106
Download  ADPA1106 Click to download

File Size   1237.52 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier

ADPA1106 Datasheet (HTML) - Analog Devices


ADPA1106 Product details

GENERAL DESCRIPTION
The ADPA1106 is a gallium nitride (GaN), broadband power amplifier
that delivers 46 dBm (40 W) with 56% typical power added
efficiency (PAE) across a bandwidth of 2.7 GHz to 3.1 GHz. The
ADPA1106 has a gain flatness of ±0.15 dB across the 2.7 GHz to
3.1 GHz frequency range.
The ADPA1106 is ideal for pulsed applications such as marine,
weather, and military radar.
The ADPA1106 comes in a 32-lead, lead frame chip scale package,
premolded cavity (LFCSP_CAV) and is specified for operation from −40°C to +85°C.

FEATURES
► Frequency range: 2.7 GHz to 3.5 GHz
► POUT: 46 dBm typical with PIN = 21 dBm at 2.7 GHz to 3.1 GHz
► Power gain: 25 dB typical with PIN = 21 dBm at 2.7 GHz to
3.1 GHz
► Small signal gain: 34.5 dB typical at 2.7 GHz to 3.1 GHz
► PAE: 56% typical with PIN = 21 dBm at 2.7 GHz to 3.1 GHz
► Supply voltage: VDD = 50 V at IDQ = 300 mA with 10% duty cycle
► 32-lead, 5 mm × 5 mm LFCSP_CAV package

APPLICATIONS
► Weather radar
► Marine radar
► Military radar




Similar Part No. - ADPA1106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105-EVALZ AD-ADPA1105-EVALZ Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105ACGZN AD-ADPA1105ACGZN Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105ACGZN-R7 AD-ADPA1105ACGZN-R7 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
More results


Similar Description - ADPA1106

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
2.7 ??3.5 GHz 100 W GaN Power Amplifier
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
2.7 to 3.5 GHz, 12 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2735075F1 WOLFSPEED-CMPA2735075F1 Datasheet
1Mb / 10P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com