Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 2 Page - Analog Devices

  ADPA1106 Datasheet HTML 1Page - Analog Devices ADPA1106 Datasheet HTML 2Page - Analog Devices ADPA1106 Datasheet HTML 3Page - Analog Devices ADPA1106 Datasheet HTML 4Page - Analog Devices ADPA1106 Datasheet HTML 5Page - Analog Devices ADPA1106 Datasheet HTML 6Page - Analog Devices ADPA1106 Datasheet HTML 7Page - Analog Devices ADPA1106 Datasheet HTML 8Page - Analog Devices ADPA1106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data Sheet
ADPA1106
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 19
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
Electrical Specifications......................................3
Absolute Maximum Ratings...................................4
Thermal Resistance........................................... 4
Electrostatic Discharge (ESD) Ratings...............4
ESD Caution.......................................................4
Pin Configuration and Function Descriptions........ 5
Interface Schematics..........................................5
Typical Performance Characteristics..................... 6
Theory of Operation.............................................14
Applications Information...................................... 15
Basic Connections ...........................................15
Thermal Management...................................... 17
Outline Dimensions............................................. 19
Ordering Guide.................................................19
Evaluation Boards............................................ 19
REVISION HISTORY
4/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com