Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 4 Page - Analog Devices

  ADPA1106 Datasheet HTML 1Page - Analog Devices ADPA1106 Datasheet HTML 2Page - Analog Devices ADPA1106 Datasheet HTML 3Page - Analog Devices ADPA1106 Datasheet HTML 4Page - Analog Devices ADPA1106 Datasheet HTML 5Page - Analog Devices ADPA1106 Datasheet HTML 6Page - Analog Devices ADPA1106 Datasheet HTML 7Page - Analog Devices ADPA1106 Datasheet HTML 8Page - Analog Devices ADPA1106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
ADPA1106
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 4 of 19
Table 3.
Parameter
Rating
Bias Voltage
Drain (VDD1 and VDD2)
55 V dc
Gate (VGG1 and VGG2)
−5 V to 0 V dc
RF Input Power (RFIN)
30 dBm
Maximum Drain Bias
Pulse Width
500 µs
Duty Cycle
20%
Drain Bias Pulse Width = 100 µs at 10% Duty Cycle
Maximum Pulsed Power Dissipation (PDISS), Case
Temperature (TCASE) = 85°C, Derate 473 mW/°C Above
85°C
54.5 W
Nominal Pulsed Peak Channel Temperature at 85°C,
PIN = 21 dBm, PDISS = 35 W at 3.1 GHz
158.9°C
Drain Bias Pulse Width = 200 µs at 20% Duty Cycle
Maximum PDISS, TCASE = 85°C, Derate 355 mW/°C
Above 85°C
40.8 W
Nominal Pulsed Peak Channel Temperature at 85°C,
PIN = 21 dBm, PDISS = 35.3 W at 3.1 GHz
184.5°C
Maximum Channel Temperature
200°C
Storage Temperature Range
−60°C to +125°C
Operating Temperature Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to the
PCB thermal design is required.
θJC is the junction to case thermal resistance (°C/W) of the device.
θJC was determined by measuring θJC under the following condi-
tions: the heat transfer is due solely to the thermal conduction from
the channel through the ground pad to the PCB, and the ground
pad is held constant at the operating temperature of 85°C.
Table 4. Thermal Resistance
Package Type
θJC
Unit
CG-32-2
Drain Bias Pulse Width = 100 µs1
2.11
°C/W
Drain Bias Pulse Width = 200 µs2
2.82
°C/W
1 At 10% duty cycle.
2 At 20% duty cycle.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA1106
Table 5. ADPA1106, 32-Lead LFCSP_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
500
1B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com