Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 3 Page - Analog Devices

  ADPA1106 Datasheet HTML 1Page - Analog Devices ADPA1106 Datasheet HTML 2Page - Analog Devices ADPA1106 Datasheet HTML 3Page - Analog Devices ADPA1106 Datasheet HTML 4Page - Analog Devices ADPA1106 Datasheet HTML 5Page - Analog Devices ADPA1106 Datasheet HTML 6Page - Analog Devices ADPA1106 Datasheet HTML 7Page - Analog Devices ADPA1106 Datasheet HTML 8Page - Analog Devices ADPA1106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADPA1106
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 19
ELECTRICAL SPECIFICATIONS
TA = 25°C, supply voltage (VDD) = 50 V, IDQ = 300 mA, pulse width = 100 µs, 10% duty cycle, and frequency range = 2.7 GHz to 3.1 GHz,
unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2.7
3.1
GHz
GAIN
Small Signal Gain (S21)
32
34.5
dB
Gain Flatness
±0.15
dB
RETURN LOSS
Input (S11)
18
dB
Output (S22)
9
dB
POWER
Output Power (POUT)
44
46
dBm
Input power (PIN) = 21 dBm
Power Gain
23
25
dB
PIN = 21 dBm
PAE
56
%
PIN = 21 dBm
TARGET QUIESCENT CURRENT, IDQ
300
mA
Adjust the gate control voltages, VGG1 and VGG2, to be between −4 V and 0 V to
achieve an IDQ = 300 mA typical value
TA = 25°C, VDD = 50 V, IDQ = 300 mA, pulse width = 100 µs, 10% duty cycle, and frequency range = 3.1 GHz to 3.5 GHz, unless otherwise
noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
3.1
3.5
GHz
GAIN
Small Signal Gain
33.5
36
dB
Gain Flatness
±0.55
dB
RETURN LOSS
S11
19
dB
S22
9
dB
POWER
POUT
43.5
45.5
dBm
PIN = 21 dBm
Power Gain
22.5
24.5
dB
PIN = 21 dBm
PAE
55
%
PIN = 21 dBm
IDQ
300
mA
Adjust VGG1 and VGG2 to be between −4 V and 0 V to achieve an IDQ = 300 mA
typical value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com