Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA1106 Datasheet HTML 11Page - Analog Devices ADPA1106 Datasheet HTML 12Page - Analog Devices ADPA1106 Datasheet HTML 13Page - Analog Devices ADPA1106 Datasheet HTML 14Page - Analog Devices ADPA1106 Datasheet HTML 15Page - Analog Devices ADPA1106 Datasheet HTML 16Page - Analog Devices ADPA1106 Datasheet HTML 17Page - Analog Devices ADPA1106 Datasheet HTML 18Page - Analog Devices ADPA1106 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
ADPA1106
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 18 of 19
Figure 55. Pulsed Bias at Low Duty Cycle
Transient thermal measurements and analysis were performed at
several different bias pulse widths and duty cycles to obtain the
thermal resistance values listed in Table 7.
Table 7. Pulse Settings and Thermal Resistance Values
Pulse Settings
θJC (°C/W)
Pulse Width (µs)
Duty Cycle (%)
100
10
2.11
200
20
2.82
300
30
3.54
The ADPA1106 amplifier is designed for a low duty-cycle pulsed ap-
plication. Under continuous bias conditions, the thermal resistance
increases to 6.5°C/W. Even at the nominal quiescent bias, VDD1
and VDD2 = 50 V and IDQ = 0.3 A, the 15 W power dissipation
results in a 97.5°C TCHAN rise above TCASE. If TCASE is 85°C, a
TCHAN of 182.5°C results if the device operates continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com