Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA1106 Datasheet HTML 9Page - Analog Devices ADPA1106 Datasheet HTML 10Page - Analog Devices ADPA1106 Datasheet HTML 11Page - Analog Devices ADPA1106 Datasheet HTML 12Page - Analog Devices ADPA1106 Datasheet HTML 13Page - Analog Devices ADPA1106 Datasheet HTML 14Page - Analog Devices ADPA1106 Datasheet HTML 15Page - Analog Devices ADPA1106 Datasheet HTML 16Page - Analog Devices ADPA1106 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADPA1106
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 19
Figure 49. Detector Voltage (VREF − VDET) vs. POUT for Various Temperatures
at 3.1 GHz
Figure 50. VREF − V DET vs. POUT for Various Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com