Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA1106 Datasheet HTML 11Page - Analog Devices ADPA1106 Datasheet HTML 12Page - Analog Devices ADPA1106 Datasheet HTML 13Page - Analog Devices ADPA1106 Datasheet HTML 14Page - Analog Devices ADPA1106 Datasheet HTML 15Page - Analog Devices ADPA1106 Datasheet HTML 16Page - Analog Devices ADPA1106 Datasheet HTML 17Page - Analog Devices ADPA1106 Datasheet HTML 18Page - Analog Devices ADPA1106 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADPA1106
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 19
Figure 53. Recommended Detector Subtraction Circuit
THERMAL MANAGEMENT
Proper thermal management is critical to achieve the specified
performance and rated operating life. Pulsed biasing is required
to limit the average power dissipated and maintain a safe channel
temperature. The channel (or die) temperature correlates closely
with the mean time to failure.
Consider a continuous bias case (see Figure 54). When bias is ap-
plied, the channel temperature (TCHAN) of the device rises through
a turn on transient interval and eventually settles to a steady state
value. Calculate the θJC thermal resistance of the device as the rise
in TCHAN above the starting TBASE divided by the total device PDISS
with the following equation:
θJC = tRISE/PDISS
where:
tRISE is the peak rise in the TCHAN of the device above the TBASE
(°C).
PDISS is the power dissipation (W) of the device.
Figure 54. Continuous Bias
Next, consider a pulsed bias case at a fixed pulse width and duty
cycle (see Figure 55). When bias is applied, the TCHAN of the
device can be described as a series of exponentially rising and
decaying pulses. The peak channel temperature reached during
consecutive pulses increases during the turn on transient interval,
and eventually settles to a steady state condition where peak
channel temperatures from pulse to pulse stabilize.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com